PART |
Description |
Maker |
FX6KMJ2 |
TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | SOT-186 晶体管| MOSFET的| P通道| 100V的五(巴西)直| 6A条(丁)|的SOT - 186
|
Powerex, Inc.
|
2SD1480P |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 2A I(C) | SOT-186 晶体管|晶体管|叩| 60V的五(巴西)总裁|甲一(c)|的SOT - 186
|
Toshiba, Corp.
|
2SD1275/2SD1275A 2SD1275AP 2SD1275AQ |
2SD1275. 2SD1275A - NPN Transistor Darlington Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 晶体管|晶体管|达林顿|叩| 80V的五(巴西)总裁|甲一(c)|的SOT - 186 TRANSISTOR | BJT | DARLINGTON | NPN | 80V V(BR)CEO | 2A I(C) | SOT-186 晶体管|晶体管|达林顿|叩| 80V的五(巴西)总裁|甲一(c)|的SOT - 186
|
Panasonic Industrial Solutions
|
FS7KM14A |
TRANSISTOR | MOSFET | N-CHANNEL | 700V V(BR)DSS | 7A I(D) | SOT-186
|
|
STL24N60M2 |
N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
|
STMicroelectronics
|
FX6ASH03 FX6ASH06 FX6VSH03 FX6KMH03 FX6SMH06 FX6UM |
TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 6A I(D) | TO-252AA TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6A I(D) | TO-252AA TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 6A I(D) | TO-263AB TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 6A I(D) | SOT-186 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6A I(D) | TO-247VAR TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 6A I(D) | TO-220AB TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6A I(D) | SOT-186 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6A I(D) | TO-263AB TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 70A I(D) | TO-263AB TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 3A I(D) | TO-252AA 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 3A条(丁)|52AA TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 30A条(丁)|63AB TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 3A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 3A条(丁)|63AB TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 30A I(D) | SOT-186 晶体管| MOSFET的| P通道| 30V的五(巴西)直| 30A条(丁)|的SOT - 186
|
Renesas Electronics, Corp. NXP Semiconductors N.V.
|
TM402A |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 40x2; module size: 186.2x34.5x11.0; viewing size: 153.5x16.5; character size: 3.28x5.69; dot size: 0.60x0.65; controller: KS0066U or equivalent;
|
TIANMA Microelectronics
|
ARF466FL ARF466FL10 |
RF MOSFET for 100-300 Volt Operation; P(out) (W): 300; fO (MHz): 45; VDD (V): 200; BVDSS (V): 1000; RqJC (ºC/Watt): 0.27; Case Style: T2; COO: A-E VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
|
Microsemi, Corp. Microsemi Corporation
|
IDT72255L12G IDT72255L15G IDT72255L25G IDT72265L10 |
Bi-Directional Triode Thyristor Planar Silicon; Package: TO-220F; No of Pins: 3; Container: Rail COVERS DUCT TO PROTECT WIRES, IMPROVE AESTHETICS ANDPROVIDE GREATER WIRE CAPACITY CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18 8K X 18 OTHER FIFO, 9 ns, PQFP64 CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18 的CMOS SUPERSYNC FIFOO 8192 × 186,384 × 18
|
Integrated Device Technology, Inc.
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
2SC3944/2SC3944A 2SC3944AQ |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 1A条一(c)|的SOT - 186
|
Pericom Technology (Shanghai) CO., Ltd.
|